PART |
Description |
Maker |
70HFL10S02 70HFL100S10 70HFL100S05 40HFL100S10 40H |
40A Fast Recovery Rectifier Diode(40A 快速恢复整流二极管) Fast Recovery Rectifiers 1000V Fast Recovery Diode in a DO-203AB (DO-5) package 100V Fast Recovery Diode in a DO-203AB (DO-5) package 200V Fast Recovery Diode in a DO-203AB (DO-5) package 400V Fast Recovery Diode in a DO-203AB (DO-5) package 800V Fast Recovery Diode in a DO-203AB (DO-5) package 600V Fast Recovery Diode in a DO-203AB (DO-5) package
|
IRF[International Rectifier]
|
10ETF02STRL 10ETF02STRR 10ETF06STRL 10ETF06STRR 10 |
DIODE 10 A, 600 V, SILICON, RECTIFIER DIODE, D2PAK-3, Rectifier Diode FAST SOFT RECOVERY RECTIFIER DIODE 快速软恢复整流二极 200V Fast Recovery Diode in a D2-Pak package 400V Fast Recovery Diode in a D2-Pak package 600V Fast Recovery Diode in a D2-Pak package
|
Vishay Semiconductors International Rectifier, Corp. IRF[International Rectifier]
|
RS2X-13-F RS2XA-13-F RS2D-13-F RS2JA-13-F RS2K-13- |
RECTIFIER FAST-RECOVERY SINGLE 1.5A 200V 50A-ifsm 1.3V-vf 150ns 5uA-ir SMB 5K/REEL-13 1.5 A, 200 V, SILICON, RECTIFIER DIODE RECTIFIER FAST-RECOVERY SINGLE 1.5A 600V 50A-ifsm 1.3V-vf 250ns 5uA-ir SMA 5K/REEL-13 1.5 A, 600 V, SILICON, RECTIFIER DIODE RECTIFIER FAST-RECOVERY SINGLE 1.5A 800V 50A-ifsm 1.3V-vf 500ns 5uA-ir SMB 5K/REEL-13 1.5 A, 800 V, SILICON, RECTIFIER DIODE 1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER 1.5 A, 50 V, SILICON, RECTIFIER DIODE
|
Diodes Incorporated Diodes, Inc.
|
TFR2N TFR2T |
Fast Recovery Diode Silicon Diffused Type Strobo Flasher Applications (Fast Recovery)
|
TOSHIBA
|
TFR7H |
Fast Recovery Diode Silicon Diffused Type Strobo Flasher Applications (Fast Recovery)
|
TOSHIBA
|
1N4937G 1N4937GL 1N4936G 1N4936GL 1N4935G 1N4935GL |
TRANSISTOR NPN 45V SOT23 1 A, 600 V, SILICON, SIGNAL DIODE 1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER 1 A, 50 V, SILICON, SIGNAL DIODE 1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER 1 A, 600 V, SILICON, SIGNAL DIODE, DO-41 1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER 1 A, 400 V, SILICON, SIGNAL DIODE
|
Won-Top Electronics Co., Ltd. Diodes, Inc. DIODES[Diodes Incorporated]
|
MURH860CT MURH805CT MURH810CT MURH820CT MURH840CT |
8.0A, 200V ultra fast recovery rectifier 8.0A, 100V ultra fast recovery rectifier 8.0A, 50V ultra fast recovery rectifier 8 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts 8 A, 50 V, SILICON, RECTIFIER DIODE, TO-220AB
|
MCC[Micro Commercial Components] Micro Commercial Components, Corp.
|
TVR5J TVR5B TVR5G |
Fast Recovery Diode Silicon Diffused Type TV Applications (fast recovery) TOSHIBA Fast Recovery Diode Silicon Diffused Type
|
TOSHIBA[Toshiba Semiconductor]
|
FFPF15U20DP FFPF15U20DPTU |
15A/200V Ultra Fast Recovery Rectifier FAST RECOVERY POWER RECTIFIER Fast Recovery Power Rectifer(平均整流电流15A快速恢复功率整流器) 15 A, 200 V, SILICON, RECTIFIER DIODE
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
10ETF06 10ETF02 10ETF04 |
FAST SOFT RECOVERY RECTIFIER DIODE 快速软恢复整流二极 200V Fast Recovery Diode in a TO-220AC package 400V Fast Recovery Diode in a TO-220AC package 600V Fast Recovery Diode in a TO-220AC package
|
International Rectifier, Corp. IRF[International Rectifier]
|
MF34-800 MF34 MF34-1000 MF34-1200 MF34-1400 MF34-1 |
Fast Recovery Diode 40 A, 1600 V, SILICON, RECTIFIER DIODE, DO-5 Fast Recovery Diode 40 A, 1400 V, SILICON, RECTIFIER DIODE, DO-5
|
DYNEX[Dynex Semiconductor] Dynex Semiconductor Ltd. Dynex Semiconductor, Ltd.
|
DSEC60-03A DSEC60-03AR |
Fast Recovery Diodes TVS 400W 10V UNIDIRECT SMA HiPer FREDTM Epitaxial Diode with common cathode and soft recovery 30 A, 300 V, SILICON, RECTIFIER DIODE
|
IXYS Corporation IXYS, Corp.
|